Part Number Hot Search : 
TAR5S50U HT6350 SELS6 HYAAM EPM9320 N037M190 R000J SMBJ170
Product Description
Full Text Search
 

To Download TTL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Industrial Power Supplies
TTL Series
Features
3-Phase Universal Input 360-575VAC, 50/60Hz Easy snap-on mounting on DIN-Rails Output Voltage adjustable Power Good Signal Low Output Ripple and Noise High Efficiency Overload Protection Parallel Operation possible Worldwide Safety Approvals Compliance to EN 61000-3-2 (PFHC) Compliance to EN55011, Class B and FCC Part 15, Level B Immunity to EN 50082-2
Pending Pending
480 Watt
This compact switching power supply has been designed for applications in harsh industrial environments. With excellent electrical specifications and a high immunity against electrical disturbances they provide a reliable power source for sensitive loads in industrial process control equipments, machine tools or other electronic equipment exposed to difficult factory floor conditions. Wide range input voltage of 3 x 360 - 575 VAC and an impressive approval package qualifies this power supply for worldwide use.
Models
Ordercode Input Voltage range 3 AC 360 - 575V Output Power max. 480 W Output Voltage range 24 - 28 VDC Output Current max. 20 A
TTL 480-124
http://www.tracopower.com
Page 1
Industrial Power Supplies
TTL Series 480 Watt
Input Specifications
Input Voltage - 3 phase continuous operation: - 3 phase short term operation (1 min): - Dual phase operation: - continuous DC operation: - short term DC operation: Input frequency Input current at full load (typ.) Recomended circuit breaker, charateristic C or fuse, slow blow type 360 - 575 VAC 340 - 600 VAC Derating of 20% is required 510 - 815 VDC 480 - 850 VDC 47 - 63 Hz 400 VAC 1.32 A 3 x 10 A 500 VAC 1.12 A
Output Specifications
Output voltage adj. range Regulation - Input variation - Load variation (10 - 90 %) Ripple and Noise (20MHz Bandwidth) Current limitation Short circuit protection Parallel operation Overvoltage protection, triggerpoint at Power back immunity Hold-up time 24 - 28 VDC 0.8 % max. 0.8 % max. < 100 mV pk-pk at 110 % of Iout max., constant current indefinite (automatic recovery) 2 auxiliary units with symetrical load line connections 33 VDC to 40VDC up to 30 VDC 360 VAC > 5 ms 400 VAC > 10 ms 500 VAC > 20 ms
Output Specifications for Power Good Signal
Output Open collector, overload- and reverse voltage protection, isolated to input and output Trigger point Saturation voltage Sink current at 90% of Vout set < 1.5 VDC < 30 mA
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2
Industrial Power Supplies
TTL Series 480 Watt
General Specifications
Temperature ranges - Operating - Derating above 60 C - Storage (non operating) Humidity (non condensing) Temperature coefficient Switching frequency Efficiency Isolation Safety standards - 25 C...+70 C ambient temp. max. 5% /K - 25 C...+ 85 C 20 - 90 % rel H 0.02% /C 66 kHz (Pulswidth modulation) 89% typ. according to IEC/EN 60950, UL/cUL 60950 IEC/EN 60950 (SELV) EN 50178 - overvoltage degree III - pollution degree II UL/cUL 60950, UL 508C Safety approvals UL/cUL 60950, UL 508 C listed, CSA 22.2-14 CB-Report as per IEC 60950 Electromagnetic compatibility (EMC), Emissions EN 50081-1 / EN 50081-2 EN 55011 class B, EN 55022 class B, FCC part 15, level B - Harmonic current emissions Electromagnetic compatibility (EMC), Immunity - Electrostatic discharge (ESD) - Radiated RF field immunity - Electrical fast transient / burst immunity - Surge immunity - Immunity to conducted RF disturbances - Power frequency field immunity - Voltage dips and interruptions - Immunity to electromagnetic field from digital radio telephones Safety class Case protection Environment Enclosure material Mounting (snap-on with selflocking spring) Connection - Vibration - Shock EN 61000-3-2 , class A EN 61000-6-2 IEC / EN 61000-4-2 IEC / EN 61000-4-3 IEC / EN 61000-4-4 IEC / EN 61000-4-5 IEC / EN 61000-4-6 IEC / EN 61000-4-8 IEC / EN 61000-4-11 ENV 50204 4 kV / 8 kV 10 V / m 2 kV 0.5 kV / 0.5 kV 10 V 30 A / m criteria B/C 10 V / m
Degree of Protection 1(IEC 536) IP 20 (IEC 529) IEC 60068-2-6, 2g from 5Hz to 500Hz (3 axes) IEC 60068-2-27, 15g for 11ms (3 axes) Aluminum (chassis) / steel (cover) 35 mm DIN-rails as per EN 50022 Screw terminals (double terminals for output)
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 3
Industrial Power Supplies
TTL Series 480 Watt
Outline Dimensions mm (inches)
DC-ON (return) DC-ON
19.5
(0.76)
25
(0.98)
131 (5.16) 220 (8.66)
25
(0.98)
5 (0.2)
62.5 (2.46)
95 (3.74)
125 (4.92)
Vout adjust
PE L1 L2 L3
INPUT
++ OUTPUT
131 (5.16)
DC-ON LED (Green)
Mounting: DIN rail 35 x 7.5 DIN46277-3
Weight:
1.9 kg (4.19 lb)
Tolerances: 0.5 mm (0.02) Specifications can be changed without notice
Rev. 08/05
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41-43311 4511 * Fax +41-43311 4545 * info@traco.ch * www.tracopower.com
Page 4


▲Up To Search▲   

 
Price & Availability of TTL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X